Part Number Hot Search : 
FC156 ST62E62C CPC1909J K2996 WHE1K0FE JANSR2 02K15FKE CPC1909J
Product Description
Full Text Search
 

To Download SUD15N06-90L07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUD15N06-90L
Vishay Siliconix
N-Channel 60-V (D-S), 175_C MOSFET, Logic Level
PRODUCT SUMMARY
VDS (V)
60
FEATURES
ID (A)
15 14
rDS(on) (W)
0.065 @ VGS = 10 V 0.090 @ VGS = 4.5 V
D TrenchFETr Power MOSFET D 175_C Maximum Junction Temperature
Pb-free Available
D
TO-252
G Drain Connected to Tab G D S S N-Channel MOSFET
Top View Ordering Information: SUD15N06-90L SUD15N06-90L--E3 (Lead (Pb)-Free)
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Gate-Source Voltage Continuous Drain Current (TJ = 175_C) Pulsed Drain Current Continuous Source Current (Diode Conduction) Avalanche Current Repetitive Avalanche Energy (Duty Cycle v 1%) Maximum Power Dissipation Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_C TC = 25_C TC = 100_C
Symbol
VGS ID IDM IS IAR EAR PD TJ, Tstg
Limit
"20 15 12 30 15 15 11 37 2a -55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambient Free Air, FR4 Board Mounta Junction-to-Case Notes: a. 1.36 x 2.1 surface mounted on 1" x 1" FR4 Board. Document Number: 71087 S-50281--Rev. E, 21-Feb-05 www.vishay.com
Symbol
RthJA RthJC
Typical
60 3.3
Maximum
70 4.0
Unit
_C/W
1
SUD15N06-90L
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 60 V, VGS = 0 V Zero Gate Voltage Drain Current g On-State Drain Currentb IDSS ID(on) VDS = 60 V, VGS = 0 V, TJ = 125_C VDS = 60 V, VGS = 0 V, TJ = 175_C VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 10 A Drain-Source On-State Drain Source On State Resistanceb rDS( ) DS(on) VGS = 10 V, ID = 10 A, TJ = 125_C VGS = 10 V, ID = 10 A, TJ = 175_C VGS = 4.5 V, ID = 5 A Forward Transconductanceb gfs VDS = 15 V, ID = 10 A 0.065 11 15 0.050 0.065 0.12 0.15 0.090 S W 60 1.0 2.0 3.0 "100 1 50 150 A m mA V nA
Symbol
Test Condition
Min
Typa
Max
Unit
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Turn-On Delay Timec Rise Timec Turn-Off Delay Fall Timec Timec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 30 V, RL = 2 W ID ^ 15 A, VGEN = 10 V, Rg = 2.5 W VDS = 30 V, VGS = 10 V, ID = 15 A , , VGS = 0 V, VDS = 25 V, f = 1 MHz 524 98 28 12 2 3.5 7 8 15 7 20 25 40 20 ns 20 nC pF
Source-Drain Diode Ratings and Characteristics (TC = 25_C)
Pulsed Current Diode Forward Voltage Reverse Recovery Time ISM VSD trr IF = 15 A, VGS = 0 V IF = 15 A, di/dt = 100 A/ms 0.9 29 30 1.2 60 A V ns
Notes: a. For design aid only; not subject to production testing. b. Pulse test; pulse width v 300 ms, duty cycle v 2%. c. Independent of operating temperature. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
www.vishay.com
2
Document Number: 71087 S-50281--Rev. E, 21-Feb-05
SUD15N06-90L
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
50 VGS = 10 thru 6 V 40 I D - Drain Current (A) I D - Drain Current (A) 5V 30 16 20
Transfer Characteristics
12
20
4V
8 TC = 125_C 25_C 0 -55_C 3 4 5
10
3V
4
0 0 2 4 6 8 10 VDS - Drain-to-Source Voltage (V)
0
1
2
VGS - Gate-to-Source Voltage (V)
Transconductance
25 0.10
On-Resistance vs. Drain Current
20 g fs - Transconductance (S)
TC = -55_C r DS(on)- On-Resistance ( W ) 25_C 125_C
0.08 VGS = 4.5 V 0.06 VGS = 10 V
15
10
0.04
5
0.02
0 0 4 8 12 16 20
0.00 0 4 8 12 16 20
ID - Drain Current (A) 1000
ID - Drain Current (A) 20 VDS = 30 V ID = 15 A
Capacitance
Gate Charge
800 C - Capacitance (pF)
V GS - Gate-to-Source Voltage (V)
16
600
Ciss
12
400
8
200 Crss 0 0 10 20
Coss
4
0 30 40 50 60 0 4 8 12 16 20 24 VDS - Drain-to-Source Voltage (V) Qg - Total Gate Charge (nC)
Document Number: 71087 S-50281--Rev. E, 21-Feb-05
www.vishay.com
3
SUD15N06-90L
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
2.5
On-Resistance vs. Junction Temperature
100 VGS = 10 V ID = 10 A I S - Source Current (A)
Source-Drain Diode Forward Voltage
2.0 rDS(on) - On-Resiistance (Normalized)
1.5
TJ = 150_C 10
1.0
TJ = 25_C
0.5
0.0 -50
-25
0
25
50
75
100
125
150
175
1
0.0
0.3
0.6
0.9
1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
www.vishay.com
4
Document Number: 71087 S-50281--Rev. E, 21-Feb-05
SUD15N06-90L
Vishay Siliconix
THERMAL RATINGS
20
Drain Current vs. Case Temperature
50
Safe Operating Area
10 ms
16 I D - Drain Current (A) I D - Drain Current (A)
100 ms 10 *rDS(on) Limited
12
1 ms 1 TC = 25_C Single Pulse 10 ms 100 ms dc
8
4
0 0 25 50 75 100 125 150 175 TC - Case Temperature (_C)
0.1 0.1 1 10 100 VDS - Drain-to-Source Voltage (V) *VGS u minimum VGS at which rDS(on) is specified
2 1
Normalized Thermal Transient Impedance, Junction-to-Case
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-5 10-4 10-3 Square Wave Pulse Duration (sec) 10-2 10-1
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?71087. Document Number: 71087 S-50281--Rev. E, 21-Feb-05 www.vishay.com
5
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SUD15N06-90L07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X